| Moteur de recherche de fiches techniques de composants électroniques |
|
M2CEC-2600E-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2CEC-2600E-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: M2CEC M2CEC SPECIFICATIONS ES-5052 Rev.3 Page 3/5 http://www.m-system.co.jp/ Be sure that the input voltage is of 440 V or less. OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 15 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V INSTALLATION Power Consumption •AC: Approx. 3 VA at 100 V Approx. 4 VA at 200 V Approx. 5 VA at 264 V •DC: Approx. 3 W Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 150 g (0.33 lb) PERFORMANCE in percentage of span Accuracy: ±0.5 % (±1.0 % at 400 Hz) Temp. coefficient: ±0.05 %/°C (±0.03 %/°F) Response time: ≤ 0.7 sec. (0 – 90 %) Ripple: 0.5 %p-p max. (50/60 Hz) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) 1000 V AC @1 minute (sensor core to sensor output) EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 9 21.5 (.85) 84 (3.31) 10 (.39) 15 (.59) 6 (.23) DIN RAIL 35mm wide [4 (.16)] 8–M3 SCREW 23 (.91) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) • When mounting, no extra space is needed between units. 4 8 12 14 13 1 |