Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS32 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LS32
Description  QUADRUPLE 2-INPUT POSITIVE OR GATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS32 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button SN74LS32 Datasheet HTML 9Page - Texas Instruments SN74LS32 Datasheet HTML 10Page - Texas Instruments SN74LS32 Datasheet HTML 11Page - Texas Instruments SN74LS32 Datasheet HTML 12Page - Texas Instruments SN74LS32 Datasheet HTML 13Page - Texas Instruments SN74LS32 Datasheet HTML 14Page - Texas Instruments SN74LS32 Datasheet HTML 15Page - Texas Instruments SN74LS32 Datasheet HTML 16Page - Texas Instruments SN74LS32 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74LS32DBR
SSOP
DB
14
2000
853.0
449.0
35.0
SN74LS32DR
SOIC
D
14
2500
853.0
449.0
35.0
SN74LS32NSR
SO
NS
14
2000
853.0
449.0
35.0
SN74S32DR
SOIC
D
14
2500
853.0
449.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Jun-2021
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24