Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4864M/NOPB Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4864M/NOPB
Description  LM4864 725mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4864M/NOPB Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM4864M/NOPB Datasheet HTML 17Page - Texas Instruments LM4864M/NOPB Datasheet HTML 18Page - Texas Instruments LM4864M/NOPB Datasheet HTML 19Page - Texas Instruments LM4864M/NOPB Datasheet HTML 20Page - Texas Instruments LM4864M/NOPB Datasheet HTML 21Page - Texas Instruments LM4864M/NOPB Datasheet HTML 22Page - Texas Instruments LM4864M/NOPB Datasheet HTML 23Page - Texas Instruments LM4864M/NOPB Datasheet HTML 24Page - Texas Instruments LM4864M/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM4864MM
VSSOP
DGK
8
1000
210.0
185.0
35.0
LM4864MM/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LM4864MMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LM4864MX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27