Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317SX/NOPB Fiches technique(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317SX/NOPB
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM317SX/NOPB Fiches technique(HTML) 40 Page - Texas Instruments

Back Button LM317SX/NOPB Datasheet HTML 36Page - Texas Instruments LM317SX/NOPB Datasheet HTML 37Page - Texas Instruments LM317SX/NOPB Datasheet HTML 38Page - Texas Instruments LM317SX/NOPB Datasheet HTML 39Page - Texas Instruments LM317SX/NOPB Datasheet HTML 40Page - Texas Instruments LM317SX/NOPB Datasheet HTML 41Page - Texas Instruments LM317SX/NOPB Datasheet HTML 42Page - Texas Instruments LM317SX/NOPB Datasheet HTML 43Page - Texas Instruments LM317SX/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM317EMP
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM317EMP/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM317EMPX/NOPB
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM317MDTX/NOPB
TO-252
NDP
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
LM317SX/NOPB
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
12-May-2020
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51