Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317S/NOPB Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317S/NOPB
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM317S/NOPB Fiches technique(HTML) 18 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments LM317S/NOPB Datasheet HTML 19Page - Texas Instruments LM317S/NOPB Datasheet HTML 20Page - Texas Instruments LM317S/NOPB Datasheet HTML 21Page - Texas Instruments LM317S/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
LM117
18
LM117, LM317-N
SNVS774Q – MAY 2004 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Typical Applications (continued)
9.2.3 Slow Turnon 15-V Regulator
An application of LM117 includes a PNP transistor with a capacitor to implement slow turnon functionality (see
Figure 21). As VIN rises, the PNP sinks current from the ADJ rail. The output voltage at start up is the addition of
the 1.25-V reference plus the drop across the base to emitter. While this is happening, the capacitor begins to
charge and eventually opens the PNP. At this point, the device functions normally, regulating the output at 15 V.
A diode is placed between C1 and VOUT to provide a path for the capacitor to discharge. Such controlled turnon
is useful for limiting the in-rush current.
Figure 21. Slow Turnon 15-V Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51