| Moteur de recherche de fiches techniques de composants électroniques |
|
HCLLEAD Fiches technique(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
HCLLEAD Fiches technique(HTML) 1 Page - M-System Co.,Ltd. |
|
|
1 / 1 page ![]() MODEL: HCL-LEAD HCL-LEAD SPECIFICATIONS ES-9249 Rev.2 Page 1/1 http://www.m-system.co.jp/ TEST LEADS (C-HCL-A use) MODEL: HCL-LEAD ORDERING INFORMATION • Code number: HCL-LEAD FUNCTIONS & FEATURES •Test leads for model C-HCL-A Current Loop Checker •Used to connect to the monitor terminals or as spare parts RELATED PRODUCTS • Current loop checker (Model: C-HCL-A) GENERAL SPECIFICATIONS Test leads: A pair of red and black cable, 1.2 meter long Connection: Test clip to the device, test plug to the C-HCL-A EXTERNAL DIMENSIONS unit: mm (inch) • Test Clip • Test Plug approx. 1200 (47.2) 2.0 (.80) dia. 60 (2.36) Specifications are subject to change without notice. |
Numéro de pièce similaire - HCLLEAD |
|
Description similaire - HCLLEAD |