| Moteur de recherche de fiches techniques de composants électroniques |
|
47LAC-2A2G-R Fiches technique(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LAC-2A2G-R Fiches technique(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 7 page ![]() MODEL: 47LAC 47LAC SPECIFICATIONS ES-9511 Rev.13 Page 1/7 https://www.m-system.co.jp/ Digital Panel Meters 47 Series AC INPUT DIGITAL PANEL METER (4½ digit, LED display type, true RMS sensing) Functions & Features • 4 1/2 digit AC input digital panel meter • 1/8 DIN size • Moving average function to suppress the display flickering • Max. and Min. value display • IP66 front panel • Separable terminal block • Rear terminal cover for safety strapped to the meter Alarm/ Scale/ Max/Min Shift Up Zro Spn D/P Tch Fnc Min Max HH H P L LL 48 (1.89) mm (inch) 96 (3.78) 98.5 (3.88) MODEL: 47LAC-[1][2][3][4]-[5][6] ORDERING INFORMATION • Code number: 47LAC-[1][2][3][4]-[5][6] Specify a code from below for each of [1] through [6]. (e.g. 47LAC-101G-M2/Q) • Specify the specification for option code /Q (e.g. /C01/S01/SET) [1] INPUT 1: AC current 2: AC voltage [2] DC OUTPUT 0: Without Current A: 4 – 20 mA DC (Load resistance 550 Ω max.) D: 0 – 20 mA DC (Load resistance 550 Ω max.) Voltage 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 4W: -10 – +10 V DC (Load resistance 10 kΩ min.) [3] ALARM OUTPUT 0: None 1: N.O. relay contact, 4 points 2: SPDT relay contact, 2 points [4] DISPLAY COLOR R: Red YR: Orange G: Green BG: Bluegreen B: Blue W: White [5] POWER INPUT AC Power M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz) DC Power R: 24 V DC (Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) [6] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) Moving parts and indicators are not coated. /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel EX-FACTORY SETTING /SET: Preset according to the Ordering Information Sheet (No. ESU-9511) GENERAL SPECIFICATIONS Construction: Panel flush mounting Degree of protection: IP66; applicable to the front of the panel meter mounted according to the specified panel cutout Connection: M3 separable screw terminal (torque 0.6 N·m) Screw terminal: Nickel-plated steel (standard) or stainless steel Housing material: Flame-resistant resin (gray) Isolation: Input to DC output to HH output or H output to L output or LL output to power Input waveform RMS sensing: Up to 15 % of 3rd harmonic content Setting: (Front button) • Scaled range |
Numéro de pièce similaire - 47LAC-2A2G-R |
|
Description similaire - 47LAC-2A2G-R |