| Moteur de recherche de fiches techniques de composants électroniques |
|
47DV-2016-R Fiches technique(PDF) 9 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47DV-2016-R Fiches technique(HTML) 9 Page - M-System Co.,Ltd. |
|
9 / 13 page ![]() MODEL: 47DV 47DV SPECIFICATIONS ES-9501 Rev.17 Page 9/13 https://www.m-system.co.jp/ Ry Ry LOAD Inductive Load (Coil) Varistor or CR Circuit • DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■ Relay Protection • AC Powered U ■ TERMINAL B • Alarm Output : N.O. contact, 4 points 13 14 17 15 16 12 11 Digital Computation 20 18 19 Lc, LLc LLa La Hc, HHc Ha HHa LL OUTPUT L OUTPUT H OUTPUT HH OUTPUT • RS-485 / Modbus RTU 13 14 17 15 16 12 11 Digital Computation 20 18 19 • Alarm Output : SPDT contact, 2 points 13 14 12 11 Digital Computation Lc (COM) Lb (NC) La (NO) Hc (COM) Hb (NC) Ha (NO) 17 15 16 20 18 19 L OUTPUT H OUTPUT Term. Resist. Shielded Twisted-pair Cable Jumper *1 To other Modbus devices + – T1 T2 T3 T4 Isolation Output Driver *1. When the device is located at the end of a transmission line via twisted-pair cable (when there is no cross-wiring), close across the terminal 12 – 13 with a leadwire. When the device is not at the end, no shortcircuit wire is required. Ry Ry Ry Ry |