| Moteur de recherche de fiches techniques de composants électroniques |
|
48NDM-4C2-R Fiches technique(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NDM-4C2-R Fiches technique(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 10 page ![]() MODEL: 48NDM 48NDM SPECIFICATIONS ES-9445 Rev.13 Page 8/10 http://www.m-system.co.jp/ PANEL CUTOUT unit: mm 31.5 Note 1: Observe at the minimum of 3 cm above and below the units for heat dissipation. Note 2: No bezel is needed when the panel is cut according to the above drawings. Panel thickness: 1.6 – 8.0 mm ■ SINGLE MOUNTING (Conform to degree of protection IP65) L Panel thickness: 1.6 – 8.0 mm L = {31.5 + 36 × (N – 1)} (N : number of units) +1 –0 ■ CLUSTERED MOUNTING (Not conform to degree of protection IP65) +1 –0 61.5 min. |