Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

48NDM-2C1-R Fiches technique(PDF) 8 Page - M-System Co.,Ltd.

No de pièce 48NDM-2C1-R
Description  Bargraph Indicators 48N Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDM-2C1-R Fiches technique(HTML) 8 Page - M-System Co.,Ltd.

Back Button 48NDM-2C1-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 9Page - M-System Co.,Ltd. 48NDM-2C1-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MODEL: 48NDM
48NDM SPECIFICATIONS
ES-9445 Rev.13 Page 8/10
http://www.m-system.co.jp/
PANEL CUTOUT unit: mm
31.5
Note 1: Observe at the minimum of 3 cm above and below the units
for heat dissipation.
Note 2: No bezel is needed when the panel is cut according to the
above drawings.
Panel thickness: 1.6 – 8.0 mm
■ SINGLE MOUNTING
(Conform to degree of protection IP65)
L
Panel thickness: 1.6 – 8.0 mm
L = {31.5 + 36 × (N – 1)}
(N : number of units)
+1
–0
■ CLUSTERED MOUNTING
(Not conform to degree of protection IP65)
+1
–0
61.5 min.



Html Pages

1 2 3 4 5 6 7 8 9 10