Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP48FVB11T-E/UN Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce MCP48FVB11T-E/UN
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB11T-E/UN Fiches technique(HTML) 71 Page - Microchip Technology

Back Button MCP48FVB11T-E/UN Datasheet HTML 67Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 68Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 69Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 70Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 71Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 72Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 73Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 74Page - Microchip Technology MCP48FVB11T-E/UN Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 71
MCP48FVBXX
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
Device Number
Code
Device Number
Code
MCP48FVB01-E/UN
48FV01 MCP48FVB02-E/UN
48FV02
MCP48FVB01T-E/UN
48FV01 MCP48FVB02T-E/UN
48FV02
MCP48FVB11-E/UN
48FV11 MCP48FVB12-E/UN
48FV12
MCP48FVB11T-E/UN
48FV11 MCP48FVB12T-E/UN
48FV12
MCP48FVB21-E/UN
48FV21 MCP48FVB22-E/UN
48FV22
MCP48FVB21T-E/UN
48FV21 MCP48FVB22T-E/UN
48FV22
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
10-Lead MSOP
Example
48FV01
548256
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84