| Moteur de recherche de fiches techniques de composants électroniques |
|
DM7432 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM7432 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6511 June 1989 5432DM5432DM7432 Quad 2-Input OR Gates General Description This device contains four independent gates each of which performs the logic OR function Features Y Alternate MilitaryAerospace device (5432) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6511 – 1 Order Number 5432DMQB 5432FMQB DM5432J DM5432W or DM7432N See NS Package Number J14A N14A or W14B Function Table Y e A a B Inputs Output AB Y LL L LH H HL H HH H H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM7432 |
|
Description similaire - DM7432 |