Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP48FVBX2 Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MCP48FVBX2
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX2 Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MCP48FVBX2 Datasheet HTML 19Page - Microchip Technology MCP48FVBX2 Datasheet HTML 20Page - Microchip Technology MCP48FVBX2 Datasheet HTML 21Page - Microchip Technology MCP48FVBX2 Datasheet HTML 22Page - Microchip Technology MCP48FVBX2 Datasheet HTML 23Page - Microchip Technology MCP48FVBX2 Datasheet HTML 24Page - Microchip Technology MCP48FVBX2 Datasheet HTML 25Page - Microchip Technology MCP48FVBX2 Datasheet HTML 26Page - Microchip Technology MCP48FVBX2 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 23
MCP48FVBXX
Timing Table Notes:
1.
This parameter is ensured by design.
2.
This parameter ensured by characterization.
3.
Within 1/2 LSb of final value when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in 12-bit device).
4.
The transition of the LAT signal must occur 10 ns before the rising edge of the 24th SCK signal (Spec 94) or the
current register data value may not be transferred to the output latch (VOUT) before the register is overwritten with
the new value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84