Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP39F511N Fiches technique(PDF) 52 Page - Microchip Technology

No de pièce MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Fiches technique(HTML) 52 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 48Page - Microchip Technology MCP39F511N Datasheet HTML 49Page - Microchip Technology MCP39F511N Datasheet HTML 50Page - Microchip Technology MCP39F511N Datasheet HTML 51Page - Microchip Technology MCP39F511N Datasheet HTML 52Page - Microchip Technology MCP39F511N Datasheet HTML 53Page - Microchip Technology MCP39F511N Datasheet HTML 54Page - Microchip Technology MCP39F511N Datasheet HTML 55Page - Microchip Technology MCP39F511N Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 52
MCP39F511N
11.0 PACKAGING INFORMATION
11.1
Package Marking Information
28-Lead QFN (5x5x0.9 mm)
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
39F511N
-E/MQ ^^
1549256
3
e
PIN 1
PIN 1
39F511N
-E/MQ ^^
1549256
3
e
XXXXXXX
XXXXXXX
YYWWNNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61