| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS521 Fiches technique(PDF) 2 Page - Rectron Semiconductor |
|
|
|||||||||||||||||||||||||||||
BAS521 Fiches technique(HTML) 2 Page - Rectron Semiconductor |
|
2 / 5 page ![]() 0 125 175 350 100 200 0 T , AMBIENT TEMPERATURE ( C) Fig. 1 Power Derating Curve, Total Package A ° 25 100 50 75 150 50 150 250 300 Note 2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, Per Element F 0.1 1 10 100 1,000 0.1 1 10 100 1,000 10,000 100,000 0 50 100 150 200 250 300 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics, Per Element R T = - ºC A 55 T = 25ºC A T = 5ºC A 8 T = 125ºC A T = 150ºC A 0 0.2 0.4 0.6 0.8 1.0 1.2 010 20 30 40 Marking Information 4P=Product Type Marking Code RATING AND CHARACTERISTICS CURVES (BAS521 ) 4 P |