Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS416V Fiches technique(PDF) 6 Page - Rectron Semiconductor

No de pièce BAS416V
Description  Low-leakage double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS416V Fiches technique(HTML) 6 Page - Rectron Semiconductor

  BAS416V Datasheet HTML 1Page - Rectron Semiconductor BAS416V Datasheet HTML 2Page - Rectron Semiconductor BAS416V Datasheet HTML 3Page - Rectron Semiconductor BAS416V Datasheet HTML 4Page - Rectron Semiconductor BAS416V Datasheet HTML 5Page - Rectron Semiconductor BAS416V Datasheet HTML 6Page - Rectron Semiconductor BAS416V Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
SOD-323
3,000
---
---
178
390*205*31
120,000
5.17
-T
PACKING
CODE
(mm)
EA PER
BOX
15,000
INNER



Html Pages

1 2 3 4 5 6 7