Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS416 Fiches technique(PDF) 5 Page - Rectron Semiconductor

No de pièce BAS416
Description  Low-leakage double diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS416 Fiches technique(HTML) 5 Page - Rectron Semiconductor

  BAS416 Datasheet HTML 1Page - Rectron Semiconductor BAS416 Datasheet HTML 2Page - Rectron Semiconductor BAS416 Datasheet HTML 3Page - Rectron Semiconductor BAS416 Datasheet HTML 4Page - Rectron Semiconductor BAS416 Datasheet HTML 5Page - Rectron Semiconductor BAS416 Datasheet HTML 6Page - Rectron Semiconductor BAS416 Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SOD-323 PACKAGE OUTLINE Plastic surface mounted package
SOD-323
Symbol
Min.(mm)
Max.(mm)
A
1.000
A1
0.000
0.100
A2
0.800
0.900
b
0.250
0.350
c
0.080
0.150
D
1.200
1.400
E
1.600
1.800
E1
2.500
2.700
L
0.475REF
L1
0.250
0.400
θ
0º
8º



Html Pages

1 2 3 4 5 6 7