Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16WS Fiches technique(PDF) 3 Page - Rectron Semiconductor

No de pièce BAS16WS
Description  SMALL SIGNAL DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS16WS Fiches technique(HTML) 3 Page - Rectron Semiconductor

  BAS16WS Datasheet HTML 1Page - Rectron Semiconductor BAS16WS Datasheet HTML 2Page - Rectron Semiconductor BAS16WS Datasheet HTML 3Page - Rectron Semiconductor BAS16WS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
SOD-323
3,000
---
---
178
390*205*31
120,000
5.17
-T
PACKING
CODE
(mm)
EA PER
BOX
15,000
INNER
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
SOD-123
REEL
( EA )
COMPONENT
SPACE(mm)
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
3,000
---
---
178
390*205*310
120,000
5.29
PACKING
CODE
-T



Html Pages

1 2 3 4