| Moteur de recherche de fiches techniques de composants électroniques |
|
HT-6V221MF61Q-R2 Fiches technique(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
|
|||||||||||||||||||||||||||||
HT-6V221MF61Q-R2 Fiches technique(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
1 / 2 page ![]() Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the data at any time without notice. Before making final selection, please check product specification. FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT] HT-6V221MF61Q-R2 Features Item Summary 220uF±20%, 6.3V, φ6.3x5.8mm, SMD Lifecycle Stage Mass Production (Preferred) AEC-Q200 qualified Standard packaging quantity (minimum) 1000 Products characteristics table Capacitance 220 uF ± 20 % Rated Voltage 6.3 V tanδ (max) 0.2 Operating Temp. Range -55 to +105 ℃ Leakage current (min) 13 uA at 2 min Rated Ripple (max) 1600 mArms at 100k Hz / 105 ℃ Impedance ratio 1.5 ___[-25℃/+20℃] Impedance ratio 2 ___[-55℃/+20℃] ESR (max) 45 mΩ at 100k Hz / 20 ℃ Endurance 5000 hr at 105 ℃ ___[Test time] Endurance Within ±30% of initial value ___[Capacitance change] Endurance 200% or less of initial specified value ___[tanδchange] Shape Vertical Chip for Vibration (SMD) Type Conductive Polymer Hybrid RoHS Compliance (10 subst.) Yes REACH Compliance (209 subst.) Yes Soldering Reflow LeadForming/Taping Taping Embossed External Dimensions Dimension φD φ6.3 ±0.5 mm Dimension L 5.8 ±0.3 mm Dimension P (F) Typ 2 mm Dimension C (d) Typ 2.7 mm 2021.07.05 1 / 1 |
Numéro de pièce similaire - HT-6V221MF61Q-R2 |
|
Description similaire - HT-6V221MF61Q-R2 |