| Moteur de recherche de fiches techniques de composants électroniques |
|
MDP-JS/Q Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MDP-JS/Q Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: MDP-JS MDP-JS SPECIFICATIONS ES-8132 Rev.11 Page 3/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) B C 2 3 A 1 31.5 (1.24) 2–5 (.20) dia. MTG HOLE 6–M4 TERMINAL SCREW GROUND TERMINAL (G) (used as mounting bracket) 27 (1.06) 53 (2.09) 80 (3.15) HEAD ELEMENT BASE 31.5 (1.24) 6–M4 TERMINAL SCREW 27 (1.06) 53 (2.09) 80 (3.15) DIN RAIL 35mm wide B C 2 3 A 1 8.5 (.33) [3.3 (.13)] 2–M4 MOUNTING SCREW (used as ground terminal (G)) ■ STANDARD ■ WITH DIN RAIL MOUNTING ADAPTER MOUNTING REQUIREMENTS unit: mm (inch) 33 (1.30) min. 2–M4 SCREW |