| Moteur de recherche de fiches techniques de composants électroniques |
|
MDPLWA Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MDPLWA Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: MDP-LWA MDP-LWA SPECIFICATIONS ES-8234 Rev.6 Page 2/4 http://www.m-system.co.jp/ CONNECTION EXAMPLES Protected Device M-RESTER G 1 3 A C 2 SHLD G B NET A, B Grounding Cross wiring *3 *2 *1 *1. Be sure to use twisted-pair cables. *2. No polarity. *3. With shielded twisted-pair cables, connect the shield to the surge protector’s 'B' terminal. Follow instructions provided with the protected device whether '2' terminal should be connected or not. However, if the shield terminal of the protected device is not isolated from NET A / B, DO NOT connect '2' terminal to the protected device. CONNECTION DIAGRAM Protected Devices (Nodes) M-RESTER G G G M-RESTER G G G Protected Devices (Nodes) • The M-RESTER is applicable to networks which consist only of FTT-10A. Not applicable to the ones connected to Link Power network. • The maximum number of nodes connectable to the network segment is reduced by one when one unit of M-RESTER is added. • When the distance between nodes are relatively long (e.g. grouped and separated by cabinets), install the M-RESTER by each group of devices. Insert the M-RESTER at the surge side of the network. • For detailed information on the network, refer to LONWORKS FTT-10A Free Topology Transceiver User’s Guide provided by Echelon. Crossover Wire Crossover Wire Grounding Panel / Cabinet Protected Side Surge Side Network Cable Network Cable Panel / Cabinet Protected Side Surge Side Network Cable NETWORK CONFIGURATION ■ ■ |