| Moteur de recherche de fiches techniques de composants électroniques |
|
KEWT-2AB-V/Q Fiches technique(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KEWT-2AB-V/Q Fiches technique(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 6 page ![]() MODEL: KEWT KEWT SPECIFICATIONS ES-3666 Rev.6 Page 6/6 http://www.m-system.co.jp/ CUSTOM SPECIFICATION : OPTION /X1 Major specification changes Input 0%: -65 - 0 % of input 100% (W) MODEL: KEWT–[1][2][3]-[4][5] Same as standard specification (without customization) except followings. Refer to standard specification pages. ORDERING INFORMATION • Code number: KEWT–[1][2][3]-[4][5] For each of [1] through [5] same code as standard specification is available. Be sure to specify /X1 of option [5]. (e.g. KEWT-11A-C/X1/Q) Refer to standard specification pages. SPECIFICATION CHANGES ■ Input specifications • Available input range The value for 0% is within -65 - 0 % of input 100%. e.g. Input range: -75 to 1000 [W] -75 [W] ÷ 1000 [W] × 100 = -7.5 [%] 0 -75 -75 +1000 W -1000 12 0 +1000 W -1000 0 -10 4 ■ OPERATION DIAGRAM (example) 20 mA OUTPUT INPUT +10 V OUTPUT INPUT |