Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FTS64K Fiches technique(PDF) 41 Page - Freescale Semiconductor, Inc

No de pièce FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Fiches technique(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 36Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 37Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 38Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 39Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 40Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 41Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 42Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 43Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 44Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
FTS64K Block User Guide — Version V01.00
41
Section 6 Interrupts
6.1 General
The FTS64K module can generate an interrupt when all Flash commands are completed or the address,
data and command buffers are empty.
NOTE
Vector addresses and their relative interrupt priority are determined at the MCU level
6.2 Description of Interrupt Operation
Figure 6-1 shows the logic used for generating interrupts.
This system uses the CBEIF and CCIF flags in combination with the enable bits CBIE and CCIE to
discriminate for the interrupt generation.
Table 6-1 Flash Interrupt Sources
Interrupt Source
Interrupt Flag
Local Enable
Global (CCR)
Mask
Flash Address, Data and
Command Buffers empty
CBEIF
(FSTAT from any Flash block)
CBEIE
I Bit
All Commands are
completed on Flash
CCIF
(FSTAT from any Flash block)
CCIE
I Bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44