| Moteur de recherche de fiches techniques de composants électroniques |
|
MD7PL-NGG2/Q Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7PL-NGG2/Q Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: MD7PL MD7PL SPECIFICATIONS ES-8062 Rev.7 Page 4/6 http://www.m-system.co.jp/ ■ COM TERMINAL • To protect more than three (3) signals with shared common line, it must be connected to the COM terminals of all MD7PL modules. • Cross-wiring must be placed at the surge side of the MD7PL (terminal 6). • Direct connection of the shared common line must be to the COM terminal of the MD7PL located closest to the grounding point. • All MD7PL must be installed closely side by side on one DIN rail, so that the cross-wire be the shortest possible. 3 7 2 8 1 DIN RAIL DIN RAIL ADAPTOR Protected Side Surge Side 6 5 4 3 7 2 8 1 DIN RAIL DIN RAIL ADAPTOR 6 5 4 3 7 2 8 1 MD7PL DIN RAIL DIN RAIL ADAPTOR 6 5 4 DI 1 DI 2 DI 3 DI 4 DI 5 DI 6 COM Grounding EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 8 6 5 4 1 2 3 7 4 1 5 2 6 3 8 7 7 (.28) 98 (3.86) [1.5 (.06)] 8–M3 EURO TERMINAL DIN RAIL (35 mm wide) DIN RAIL ADAPTOR WIRE INSERTION ANGLE: approx. 20° |