| Moteur de recherche de fiches techniques de composants électroniques |
|
MD7PL-PFF2/Q Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7PL-PFF2/Q Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: MD7PL MD7PL SPECIFICATIONS ES-8062 Rev.7 Page 5/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY Grounding SHIELD TERMINAL MODEL NO. SCHEMATIC CIRCUITRY APPLICATIONS • Common: Positive • Line to SHLD: Floating • Earth to SHLD: Floating • MD7PL-PFFx • PNP connection • To protect a device having isolation between Signal and Earth. • When SHLD should be floating against the earth. (single-end grounding) • Common: Positive • Line to SHLD: Floating • Earth to SHLD: Grounding • MD7PL-PFGx • PNP connection • To protect a device having isolation between Signal and Earth. • When SHLD should be grounded. (single- or both- end grounding) • Common: Negative • Line to SHLD: Floating • Earth to SHLD: Floating • MD7PL-NFFx • NPN connection • To protect a device having isolation between Signal and Earth. • When SHLD should be floating against the earth. (single-end grounding) • Common: Negative • Line to SHLD: Floating • Earth to SHLD: Grounding Sections enclosed with broken line may differ depending upon the models. • MD7PL-NFGx • NPN connection • To protect a device having isolation between Signal and Earth. • When SHLD should be grounded. (single- or both- end grounding) 5 – (COM)+ – – – + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding 5 – (COM)+ – – – + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding 5 (COM)– + – + + + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding 5 (COM)– + – + + + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL |