| Moteur de recherche de fiches techniques de composants électroniques |
|
OZ9936 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OZ9936 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 11 page ![]() OZ9936 CONFIDENTIAL OZ9936-DS-1.1 Page 3 ELECTRICAL CHARACTERISTICS Parameter Symbol Test Conditions Limits Unit VDDA=5V; RT=100K; CSST=12.1nF, Ta=25 oC Min Typ Max Supply Current Stand By Idds V1=0V; V8=0V 350 600 µA Operating Idd V1=2V; V8=0V Capacitance at DRV1 & DRV2=500pF 1.5 3.5 mA Soft Start Current Source ISST V1=0V; V8=0V; V7=0V 1.7 3.0 4.3 µA Under Voltage Lockout UVLO V1=1.2V; VDDA from 0V to 5V 3 3..2 2 3.8 4.4 V ENA_SST_CMP Pin - Low VCMP 0.77 0.83 0.90 V V1=1.2V; V8=660mV; V7=2.8V 48.5 50.0 51.5 kHZ Operating Frequency on DRV1 & DRV2 Pin fop Température Cœfficient 66 ppm/ oC Duty Cycle on DRV1 & DRV2 (active high) Maximum V1=3.5V; V8=0V; V7=0V 43 % Ignition Time (Open Lamp Time Out) V8=0V; V7 ≥3.25V 1.8 2.0 2.2 sec Open Lamp Shutdown Delay Time ISEN<0.75V 2.21 2.60 2.99 sec V1 (ENA_SST_CMP Pin) Threshold ENA 600 mV Drivers DRV1 Ron For Iout= 70 mA; Tamb=25 oC 20 40 Ω DRV2 Ron For Iout= 70 mA; Tamb=25 oC 20 40 Ω Analog Dimming Control Minimum Lamp Current Reference Voltage 0.40 0.55 0.86 V Maximum Lamp Current Reference Voltage 1.15 1.235 1.35 V External PWM Dimming Control PWM Dimming Detection Threshold 2.7 V 1.17 1.25 1.32 V Lamp Current Reference Voltage ISEN Température Cœfficient 85 ppm/ oC Note: Vx denotes voltage at Pinx |