| Moteur de recherche de fiches techniques de composants électroniques |
|
MD7PM Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7PM Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: MD7PM MD7PM SPECIFICATIONS ES-8055 Rev.9 Page 5/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY SHIELD TERMINAL MODEL NO. SCHEMATIC CIRCUITRY APPLICATIONS 5 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL • Line to SHLD: Floating • Earth to SHLD: Floating • MD7PM-FFx • Standard type • To protect a device having isolation between Signal and Earth. • When SHLD should be floating against the earth. (single-end grounding) • Line to SHLD: Floating • Earth to SHLD: Grounding • MD7PM-FGx • To protect a device having isolation between Signal and Earth. • When SHLD should be grounded. (single- or both- end grounding) • Line to SHLD: Grounding • Earth to SHLD: Floating • MD7PM-GFx • To protect a device having isolation between Signal and Earth. • When SHLD wire should be connected to SG terminal of the protected device. (SHLD is not grounded to the earth.) • Line to SHLD: Grounding • Earth to SHLD: Grounding Sections enclosed with broken line may differ depending upon the models. • MD7PM-GGx • To protect a device which does not have a good dielectric strength between Signal and Earth. 5 2 6 3 7 8 DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL 5 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL 5 2 6 3 7 8 DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL – + – + + + – + – + + + – + – + + + – + – + + + DISCHARGE ELEMENT DISCHARGE ELEMENT DISCHARGE ELEMENT Grounding Grounding Grounding Grounding |