| Moteur de recherche de fiches techniques de composants électroniques |
|
MDCAT Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MDCAT Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: MDCAT MDCAT SPECIFICATIONS ES-8139 Rev.7 Page 3/5 https://www.m-system.co.jp/ CONNECTION EXAMPLES ■ PROTECTING STP DEVICE *3 *3 ■ PROTECTING NON-STP (UTP) DEVICE MDCAT (Protected Device) Crossover Wire FG *2 *7 *5 *1. Unshield twisted-pair cable *2. Maintain the shortcircuit bar. The protected device is earthed. *3. Cable included in the product package or provided by customer. *4. Shield twisted-pair cable *5. STP cable’s shield wire serves as the crossover wiring. *6. The protected device is ‘earthed’ when the shortcircuit bar is connected. Remove the bar in order to switch to ‘floating’ state. *7. Use a DIN rail made of steel or copper when connecting to ground via the DIN rail. Single mount DIN rail for option code ‘/DR’ is made of aluminum. Connect to ground with ground terminal when this DIN rail is used. MDCAT (Protected Device) FG *6 *7 SHLD G SHLD G UTP Cable *1 STP Cable *4 |