| Moteur de recherche de fiches techniques de composants électroniques |
|
MD7AST Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7AST Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: MD7AST MD7AST SPECIFICATIONS ES-8067 Rev.5 Page 4/4 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY SHIELD TERMINAL SCHEMATIC CIRCUITRY APPLICATIONS • Line to SHLD: Floating • Earth to SHLD: Floating • MD7AST-xFF • Standard type • To protect a device having isolation between Signal and Earth. • When SHLD should be floating against the earth. (single-end grounding) • Line to SHLD: Floating • Earth to SHLD: Grounding • MD7AST-xFG • To protect a device having isolation between Signal and Earth. • When SHLD should be grounded. (single- or both- end grounding) Battery CHK Check Button Voltage Limiter CT BAT (green) ALM (red) DISCHARGE ELEMENT Series Resistance Surge Counter Leak. Curr. Detector 5 – + – + 2 6 3 7 8 4 1 (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding DISCHARGE ELEMENT Battery CHK Check Button Voltage Limiter CT BAT (green) ALM (red) DISCHARGE ELEMENT Series Resistance Surge Counter Leak. Curr. Detector 5 – + – + 2 6 3 7 8 4 1 (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding Specifications are subject to change without notice. |