| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF7947AT Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF7947AT Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 5 page ![]() Our highly integrated ICs for car access and immobilizer applications combine secure operation, convenience, and flexibility. The result is a portfolio of solutions that are ideal for today’s advanced, feature-rich key designs. Keyless entry/go family Our market-leading chipsets for keyless entry/go deliver the ultimate in security and convenience, unlocking the car automatically without any direct action by the key holder. Equipped with embedded low-power processors, these cost-effective solutions enable a range of convenient features, including push-to-start. They offer excellent LF sensitivity, sophisticated wake-up detection, ultra-low power consumption and integrate 3D LF and RISC controller ICs. Immobilizer and remote keyless entry family We offer a range of devices, from standalone immobilizer transponders to fully integrated immobilizer and remote keyless entry ICs, so you can choose exactly the right performance and functionality for your application. Our remote keyless entry solutions include options with an integrated UHF transmitter and transponder coil, and our basestation solutions simplify the design of immobilizer systems. RF devices To complement our keyless entry portfolio, we offer a full range of sophisticated RF devices for communication in the ISM band, up to 1 GHz. We support cutting-edge designs for car access, with extensive system know-how and a range of solutions – from a transmitter based on a fractional-N PLL to transceiver and receiver solutions that integrate a variable bandwidth filter and a low-power polling timer. Connectivity with the key of the future Our latest keyless entry/go ICs offer innovative connectivity, employing an ISO14443 interface compatible with Near Field Communication (NFC) devices. They make it possible for an NFC enabled mobile phone to query vehicle status via the car key, and enable remote configuration of the car. Car access and immobilizer solutions |