Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF7921 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce PCF7921
Description  IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7921 Fiches technique(HTML) 4 Page - NXP Semiconductors

  PCF7921 Datasheet HTML 1Page - NXP Semiconductors PCF7921 Datasheet HTML 2Page - NXP Semiconductors PCF7921 Datasheet HTML 3Page - NXP Semiconductors PCF7921 Datasheet HTML 4Page - NXP Semiconductors PCF7921 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Our highly integrated ICs for car access and immobilizer applications combine
secure operation, convenience, and flexibility. The result is a portfolio of solutions
that are ideal for today’s advanced, feature-rich key designs.
Keyless entry/go family
Our market-leading chipsets for keyless entry/go deliver the ultimate in security and convenience, unlocking
the car automatically without any direct action by the key holder. Equipped with embedded low-power
processors, these cost-effective solutions enable a range of convenient features, including push-to-start.
They offer excellent LF sensitivity, sophisticated wake-up detection, ultra-low power consumption and
integrate 3D LF and RISC controller ICs.
Immobilizer and remote keyless entry family
We offer a range of devices, from standalone immobilizer transponders to fully integrated immobilizer
and remote keyless entry ICs, so you can choose exactly the right performance and functionality for your
application. Our remote keyless entry solutions include options with an integrated UHF transmitter and
transponder coil, and our basestation solutions simplify the design of immobilizer systems.
RF devices
To complement our keyless entry portfolio, we offer a full range of sophisticated RF devices for
communication in the ISM band, up to 1 GHz. We support cutting-edge designs for car access, with
extensive system know-how and a range of solutions – from a transmitter based on a fractional-N PLL to
transceiver and receiver solutions that integrate a variable bandwidth filter and a low-power polling timer.
Connectivity with the key of the future
Our latest keyless entry/go ICs offer innovative connectivity, employing an ISO14443 interface compatible
with Near Field Communication (NFC) devices. They make it possible for an NFC enabled mobile phone to
query vehicle status via the car key, and enable remote configuration of the car.
Car access and
immobilizer solutions



Html Pages

1 2 3 4 5