| Moteur de recherche de fiches techniques de composants électroniques |
|
STD13005 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STD13005 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() Preliminary data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. November 2009 Doc ID 16780 Rev 1 1/10 10 STD13005 High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Very high switching speed Application ■ Switch mode power supplies (AC-DC converters) Description The device is manufactured using high voltage multi-epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. Figure 1. Internal schematic diagram 1 3 DPAK TO-252 TAB Table 1. Device summary Order code Marking Package Packaging STD13005T4 D13005 DPAK Tape and reel www.st.com |
Numéro de pièce similaire - STD13005 |
|
Description similaire - STD13005 |