| Moteur de recherche de fiches techniques de composants électroniques |
|
EM78P152S Fiches technique(PDF) 50 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM78P152S Fiches technique(HTML) 50 Page - List of Unclassifed Manufacturers |
|
50 / 52 page ![]() EM78P152/3S 8-Bit Microcontroller with OTP ROM Typical ICC1 and ICC2 vs. Temperature 9 12 15 18 0 10 2030 4050 6070 Temperature (C) Typ ICC2 Typ ICC1 Figure C-14 Typical Operating Current (ICC1 and ICC2) vs. Temperature Maximum ICC1 and ICC2 vs. Temperature 15 18 21 24 0 10 2030 4050 6070 Temperature (°C) Max ICC2 Max ICC1 Figure C-15 Maximum Operating Current (ICC1 and ICC2) vs. Temperature 46 • Product Specification (V1.8) 09.08.2009 (This specification is subject to change without further notice) |