| Moteur de recherche de fiches techniques de composants électroniques |
|
LSMT2-14041-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-14041-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 10 page ![]() LSMT2 ES-1954 Rev.6 Specifications subject to change without notice. P. 4 / 10 CONNECTION DIAGRAM, OUTPUT & AUXILIARY SUPPLY EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENT mm (inch) MOUNTING REQUIREMENTS mm (inch) 14 15 1 16 17 18 19 20 21 22 23 24 25 OUTPUT 26 27 28 29 30 31 32 33 A B C – + 2 – + 3 – + 4 – + 5 – + 6 – + 7 – + 8 – + 9 – + 10 – + 11 – + 12 11 13 AUX SUPPLY V(–) U(+) E – + Shielded Twisted-pair Cable To Other RS-485 Devices ■Pulse Output ■Network Output Output 1 through 10: Analog output Output 11: Pulse or network output 14 16 18 20 22 24 26 28 30 32 A C 15 1 2 3 4 5 6 7 8 9 10 17 19 21 23 25 27 29 31 33 B 11 12 13 DIN RAIL 35 mm wide 4–5 (.2) dia. HOLE [3.3 (.13)] 128 (5.04) 7 (.28) 64 (2.52) 120 (4.72) 9.2 (.36) 13–M4 SCREW 8.2 (.32) 23–M3.5 SCREW 125 (4.92) min. 64 (2.52) 4–M4 |