Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSMT2-20041-R Fiches technique(PDF) 6 Page - M-System Co.,Ltd.

No de pièce LSMT2-20041-R
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-20041-R Fiches technique(HTML) 6 Page - M-System Co.,Ltd.

Back Button LSMT2-20041-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 9Page - M-System Co.,Ltd. LSMT2-20041-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LSMT2
ES-1954 Rev.6
Specifications subject to change without notice.
Power factor: lead 0.5 – 1 – lag 0.5
lag 0.5 – 1 – lead 0.5
lead 0 – 1 – lag 0
lag 0 – 1 – lead 0
Input range and lag/lead can be changed via the front panel.
Frequency: 45 – 55 Hz, 55 – 65 Hz, 45 – 65 Hz
Input range can be changed via the front panel.
Watthours
Ratio:110V – 77kV at the VT primary
5 – 8000A at the CT primary
Pulse unit: 0.01, 0.1, 1, 10, 100, 1000 kWh/pulse
CONNECTION DIAGRAM, INPUT
1
P1
2
P2
3
P3
4
5
1S
6
1L
CT
3
2
1
SOURCE
•No Zero-phase Voltage Measuring
LOAD
VT
U
u
V
v
V
v
U
u
K
k
7
8
9
3S
10
3L
CT
K
k
A 1
A 2
A 3
V12
V23
V31
1
P1
2
P2
3
P3
4
5
G1
6
G4
3
2
1
SOURCE
•With Zero-phase Voltage Measuring
LOAD
VT
GVT3
U
u
V
v
V
v
U
u
7
8
9
10
V12
V23
V31
P. 6 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10