| Moteur de recherche de fiches techniques de composants électroniques |
|
M8BS-8E1-R Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-8E1-R Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 8 page ![]() MODEL: M8BS-8 M8BS-8 SPECIFICATIONS ES-5491 Rev.13 Page 5/8 http://www.m-system.co.jp/ ■ MODEL: M8BS-8K3 (Azbil DCS J-PIM00 module use / screw terminal block) 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 I/O cable : J-SSL / J-SSK J-SRL / J-SRK • Location Output connector : 57GE-40500-751 CN1 : J-PIM00 module use The input or output 1 is connected to the connector. Pico-M LOCATION NO. AZBIL DCS PI CONNECTOR The internal power supply is used for excitation of the pulse input module. ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT* A B C D Ch.8 INPUT* + – + – PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG 3 2 1 A B C D CN1 Ch.1 INPUT* A B C D Ch.8 INPUT* + – + – ■ DC Power Supply ■ Single Power Supply, Two Independent Power Sources OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT* Ch.8 OUTPUT* OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT* Ch.8 OUTPUT* + – POWER PWR2 provided only for two independent power sources. * The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. |