| Moteur de recherche de fiches techniques de composants électroniques |
|
M8BS-8U0-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8BS-8U0-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 8 page ![]() MODEL: M8BS-8 M8BS-8 SPECIFICATIONS ES-5491 Rev.13 Page 4/8 http://www.m-system.co.jp/ ■ MODEL: M8BS-8E3A (Toshiba DCS SAIN1 use / screw terminal block) PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT 1 NC 11 ch.5 – 2 NC 12 ch.5 + 3 NC 13 ch.4 – 4 NC 14 ch.4 + 5 ch.8 – 15 ch.3 – 6 ch.8 + 16 ch.3 + 7 ch.7 – 17 ch.2 – 8 ch.7 + 18 ch.2 + 9 ch.6 – 19 ch.1 – 10 ch.6 + 20 ch.1 + • Connector Pin Assignment Output connector: Omron XG4A-2031 CN1: SAIN1 CN2: SAIN1 for redundancy Toshiba DCS SAMP1 uses Panasonic AXM220001. As connector is discontinued, Omron XG4A-2031 is used as an alternative. (Replace cable side.) ■ CONNECTION DIAGRAM A B C D CN1 Ch.1 INPUT** A B C D Ch.8 INPUT** + – + – PWR2 4 5 FG 3 U V AC POWER PWR1 4 5 FG 3 U V AC POWER FG 3 2 1 A B C D CN1 CN2 CN2 Ch.1 INPUT** A B C D Ch.8 INPUT** + – + – ■DC Power Supply ■Single Power Supply, Two Independent Power Sources OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.8 OUTPUT** OUTPUT 2 OUTPUT 2 Ch.1 OUTPUT** Ch.8 OUTPUT** + – POWER * For model M8BS-8E3A. **The input and output terminals are reversed for model M8YSx, M8YCx. Use either Output 1 (connector) or Output 2 terminal for the input. * * PWR2 provided only for two independent power sources. |