| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV7722 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV7722 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 40 page ![]() 2 Absolute maximum ratings and operating conditions Table 4. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (referred to VCC- pin) (1) -0.3 to 6.0 V Vid Differential input voltage (2) ± VCC V VIN Input pins input voltage (3) VCC- - 0.3 V to VCC+ + 0.3 V V IIN Input pins input current (4) ± 10 mA Tstg Storage temperature -65 to 150 °C Rth-ja Thermal resistance junction-to-ambient (5) °C / W SOT23-5 250 DFN8 (2 mm x 2 mm) 76 MiniSO8 127 MiniSO10 113 SO8 113 Tj Maximum junction temperature 150 °C ESD HBM: human body model (6) 4 kV CDM: charged device model (7) 1.5 kV 1. All voltage values, except differential voltage, are with respect to VCC- pin. 2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal. 3. Vcc - Vin must not exceed 6 V, Vin must not exceed 6 V. 4. Input current must be limited by a resistor in series with the inputs. 5. Rth are typical values. 6. Human body model: the test HBM is done in accordance with the standards ESDA-JS-001-2017 and Q100-002 7. Charged device model: the test CDM is done in accordance with the standards ESDA-JS-002-2018 and Q100-011 Table 5. Operating conditions Symbol Parameter Min. Max. Value VCC Supply voltage 1.8 5.5 V Vicm Common-mode input voltage range VCC- – 0.1 VCC+ – 1.1 V Toper Operating free air temperature range -40 125 °C TSV7721, TSV7722, TSV7723 Absolute maximum ratings and operating conditions DS13614 - Rev 3 page 5/40 |