Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN32F0252 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STSPIN32F0252
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0252 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STSPIN32F0252 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 26Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 27Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 28Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 29Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 30Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 31Page - STMicroelectronics STSPIN32F0252 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
List of tables
Table 1.
Legend/abbreviations used in the pin description table .......................................... 5
Table 2.
STSPIN32F025x MCU-Driver internal connections ............................................. 5
Table 3.
Pin description...................................................................... 6
Table 4.
Absolute maximum ratings ............................................................. 8
Table 5.
Thermal data....................................................................... 9
Table 6.
Recommended operating conditions....................................................... 9
Table 7.
Electrical characteristics .............................................................. 10
Table 8.
Inputs truth table (applicable when device is not in UVLO or SmartSD protection) ...................... 16
Table 9.
TIM1 channel configuration ............................................................ 22
Table 10.
TQFP package dimensions ............................................................ 24
Table 11.
QFN package dimensions ............................................................ 25
Table 12.
Order codes ...................................................................... 27
Table 13.
Document revision history ............................................................. 28
STSPIN32F0251, STSPIN32F0252
List of tables
DS13048 - Rev 4
page 30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32