Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN32F0251 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STSPIN32F0251
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0251 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STSPIN32F0251 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 24Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 25Page - STMicroelectronics STSPIN32F0251 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
6.3
Advanced-control timer (TIM1)
The advanced-control timer (TIM1) can be seen as a three-phase PWM multiplexed on six channels. It has
complementary PWM outputs with programmable inserted deadtimes.
This timer is used to generate the PWM signal for the three half-bridge gate drivers as shown in Table 9.
Table 9. TIM1 channel configuration
MCU I/O
ASIC input
TIM1 channel
PB13
LIN1
TIM1_CH1N
PB14
LIN2
TIM1_CH2N
PB15
LIN3
TIM1_CH3N
PA8
HIN1
TIM1_CH1
PA9
HIN2
TIM1_CH2
PA10
HIN3
TIM1_CH3
STSPIN32F0251, STSPIN32F0252
Advanced-control timer (TIM1)
DS13048 - Rev 4
page 22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32