Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRP-41MZ-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd.

No de pièce LRP-41MZ-R
Description  Power Transducer Series L-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LRP-41MZ-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd.

  LRP-41MZ-R Datasheet HTML 1Page - M-System Co.,Ltd. LRP-41MZ-R Datasheet HTML 2Page - M-System Co.,Ltd. LRP-41MZ-R Datasheet HTML 3Page - M-System Co.,Ltd. LRP-41MZ-R Datasheet HTML 4Page - M-System Co.,Ltd. LRP-41MZ-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: LRP
http://www.m-system.co.jp/
LRP SPECIFICATIONS
ES-1977 Rev.15 Page 4/5
CONNECTION DIAGRAM
LOAD
1
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
k
l
CT
L
K
1L
1S
3L
3S
k
l
L
K
14
16
15
1
5
6
2
+
–
11
12
9
10
U(+)
V(–)
■ 3-PHASE/3-WIRE
LOAD
1
N
2
3
SOURCE
P2
V
P1
U
v
u
FUSE
VT
V
v
P3
U
u
V
v
P0
U
u
k
l
CT
L
K
1L
1S
2L
2S
3L
3S
k
l
L
K
k
l
L
K
9
10
U(+)
V(–)
14
15
16
13
1
2
3
4
5
6
■ 3-PHASE/4-WIRE
+
–
11
12
OUTPUT
OUTPUT
* The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets other supply voltage requirements.
AUXILIARY POWER
*
AUXILIARY POWER
*
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
M3.5 SCREW
(Only on the used terminals)
75 (2.95)
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
MOUNTING REQUIREMENTS unit: mm (inch)
2–M5
60 (2.36)
■ M5 SCREWS
2–M4
60 (2.36)
■ M4 SCREWS



Html Pages

1 2 3 4 5