| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32H723VG Fiches technique(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H723VG Fiches technique(HTML) 168 Page - STMicroelectronics |
|
168 / 227 page ![]() Electrical characteristics STM32H723xE/G 168/227 DS13313 Rev 2 8 bits 47 4.35E-08 5.31E-08 7.36E-08 68 4.47E-08 5.48E-08 7.47E-08 100 4.72E-08 5.79E-08 7.63E-08 150 5.33E-08 6.35E-08 7.88E-08 220 6.26E-08 7.26E-08 8.47E-08 330 7.84E-08 8.80E-08 9.48E-08 470 9.80E-08 1.07E-07 1.14E-07 680 1.28E-07 1.39E-07 1.43E-07 1000 1.76E-07 1.88E-07 1.90E-07 1500 2.49E-07 2.66E-07 2.64E-07 2200 3.50E-07 3.63E-07 3.63E-07 3300 5.09E-07 5.27E-07 5.24E-07 4700 7.00E-07 7.28E-07 7.09E-07 6800 9.84E-07 1.03E-06 1.00E-06 10000 1.43E-06 1.48E-06 1.44E-06 15000 2.10E-06 2.18E-06 2.11E-06 6 bits 47 3.79E-08 4.58E-08 5.74E-08 68 3.88E-08 4.69E-08 5.81E-08 100 4.09E-08 4.89E-08 5.93E-08 150 4.48E-08 5.25E-08 6.14E-08 220 5.07E-08 5.81E-08 6.58E-08 330 6.04E-08 6.79E-08 7.46E-08 470 7.37E-08 8.10E-08 8.60E-08 680 9.31E-08 1.01E-07 1.04E-07 1000 1.23E-07 1.32E-07 1.34E-07 1500 1.71E-07 1.82E-07 1.82E-07 2200 2.39E-07 2.50E-07 2.49E-07 3300 3.43E-07 3.57E-07 3.49E-07 4700 4.72E-07 4.92E-07 4.81E-07 6800 6.65E-07 6.89E-07 6.68E-07 10000 9.54E-07 9.88E-07 9.54E-07 15000 1.40E-06 1.45E-06 1.39E-06 1. Guaranteed by design. 2. Data valid up to 130 °C, with a 22 pF PCB capacitor and VDDA = 1.62 V. Table 83. Minimum sampling time vs RAIN (12-bit ADC)(1)(2) (continued) Resolution RAIN (Ω) Minimum sampling time (s) Direct channels(3) Fast channels(4) Slow channels(5) |