Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H723VG Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 57Page - STMicroelectronics STM32H723VG Datasheet HTML 58Page - STMicroelectronics STM32H723VG Datasheet HTML 59Page - STMicroelectronics STM32H723VG Datasheet HTML 60Page - STMicroelectronics STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 227 page
background image
DS13313 Rev 2
61/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
J3
30
42
L3
PA6
I/O FT_ha
-
TIM1_BKIN, TIM3_CH1, TIM8_BKIN,
SPI1_MISO(boot)/I2S1_SDI,
OCTOSPIM_P1_IO3,
SPI6_MISO/I2S6_SDI, TIM13_CH1,
TIM8_BKIN_COMP12, MDIOS_MDC,
TIM1_BKIN_COMP12,
DCMI_PIXCLK/PSSI_PDCK, LCD_G2,
EVENTOUT
ADC12_INP3
K3
31
43
M3
PA7
I/O TT_ha
-
TIM1_CH1N, TIM3_CH2, TIM8_CH1N,
SPI1_MOSI(boot)/I2S1_SDO,
SPI6_MOSI/I2S6_SDO, TIM14_CH1,
OCTOSPIM_P1_IO2,
ETH_MII_RX_DV/ETH_RMII_CRS_DV,
FMC_SDNWE, LCD_VSYNC,
EVENTOUT
ADC12_INN3,
ADC12_INP7,
OPAMP1_VINM
G4
32
44
J4
PC4
I/O TT_ha
-
PWR_DEEPSLEEP, FMC_A22,
DFSDM1_CKIN2, I2S1_MCK,
SPDIFRX1_IN3, SDMMC2_CKIN,
ETH_MII_RXD0/ETH_RMII_RXD0,
FMC_SDNE0, LCD_R7, EVENTOUT
ADC12_INP4,
OPAMP1_VOUT,
COMP1_INM
H4
33
45
K4
PC5
I/O TT_ha
-
PWR_SLEEP, SAI4_D3, SAI1_D3,
DFSDM1_DATIN2, PSSI_D15,
SPDIFRX1_IN4, OCTOSPIM_P1_DQS,
ETH_MII_RXD1/ETH_RMII_RXD1,
FMC_SDCKE0, COMP1_OUT,
LCD_DE, EVENTOUT
ADC12_INN4,
ADC12_INP8,
OPAMP1_VINM
J4
34
46
L4
PB0
I/O TT_ha
-
TIM1_CH2N, TIM3_CH3, TIM8_CH2N,
OCTOSPIM_P1_IO1,
DFSDM1_CKOUT, UART4_CTS,
LCD_R3, OTG_HS_ULPI_D1,
ETH_MII_RXD2, LCD_G1, EVENTOUT
ADC12_INN5,
ADC12_INP9,
OPAMP1_VINP,
COMP1_INP
K4
35
47
M4
PB1
I/O FT_ha
-
TIM1_CH3N, TIM3_CH4, TIM8_CH3N,
OCTOSPIM_P1_IO0,
DFSDM1_DATIN1, LCD_R6,
OTG_HS_ULPI_D2, ETH_MII_RXD3,
LCD_G0, EVENTOUT
ADC12_INP5,
COMP1_INM
G5
36
48
J5
PB2
I/O FT_ha
-
RTC_OUT, SAI4_D1, SAI1_D1,
DFSDM1_CKIN1, SAI1_SD_A,
SPI3_MOSI/I2S3_SDO, SAI4_SD_A,
OCTOSPIM_P1_CLK,
OCTOSPIM_P1_DQS, ETH_TX_ER,
TIM23_ETR, EVENTOUT
COMP1_INP
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More