Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADRF6720 Fiches technique(PDF) 32 Page - Analog Devices

No de pièce ADRF6720
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADRF6720 Fiches technique(HTML) 32 Page - Analog Devices

Back Button ADRF6720 Datasheet HTML 28Page - Analog Devices ADRF6720 Datasheet HTML 29Page - Analog Devices ADRF6720 Datasheet HTML 30Page - Analog Devices ADRF6720 Datasheet HTML 31Page - Analog Devices ADRF6720 Datasheet HTML 32Page - Analog Devices ADRF6720 Datasheet HTML 33Page - Analog Devices ADRF6720 Datasheet HTML 34Page - Analog Devices ADRF6720 Datasheet HTML 35Page - Analog Devices ADRF6720 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADRF6720
Data Sheet
REGISTER DETAILS
Address: 0x00, Reset: 0x0000, Name: SOFT_RESET
Table 15. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
0
SOFT_RESET
Soft Reset.
0x0
W
Address: 0x01, Reset: 0xF67F, Name: ENABLES
Table 16. Bit Descriptions for ENABLES
Bits
Bit Name
Settings
Description
Reset
Access
11
LO_1XVCO_EN
Enables 1 × LO with Internal VCO.
0x0
RW
10
MOD_EN
Enables MOD/LO Drive Chain.
0x1
RW
9
QUAD_DIV_EN
Enables Quad Divider for 2 × LO Operation.
0x1
RW
8
LO_DRV2X_EN
Enables External 2 × LO Driver—Before Quad Divider.
0x0
RW
7
LO_DRV1X_EN
Enables External 1 × LO Driver—After Quad Divider.
0x0
RW
6
VCO_MUX_EN
Enables VCO Mux.
0x1
RW
5
REF_BUF_EN
Enables Reference Buffer.
0x1
RW
4
VCO_EN
Enables VCOs.
0x1
RW
3
DIV_EN
Enables VCO Dividers.
0x1
RW
2
CP_EN
Enables Charge Pump.
0x1
RW
1
VCO_LDO_EN
Enables VCO LDO.
0x1
RW
Rev. 0 | Page 32 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44