| Moteur de recherche de fiches techniques de composants électroniques |
|
KSL-C5-C/Q Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KSL-C5-C/Q Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: KSL KSL SPECIFICATIONS ES-3613 Rev.10 Page 5/5 http://www.m-system.co.jp/ ■OUTPUT CODE: 5 U(+) V(–) 7 8 4 Comparator + – * INPUT 5 Low Drift Amplifier R 6 D / A Converter Comparator D / A Converter Ry 2 3 1 Ry 10 11 9 N.C. N.O. COM N.C. N.O. COM *Input shunt resistor attached for current input. POWER LO OUTPUT HI OUTPUT ROTARY SWITCH ROTARY SWITCH LOAD Inductive Load (Coil) Varistor or Spark Quenching Circuit •DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■ Relay Protection •AC Powered U Base Socket Specifications are subject to change without notice. |