Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSO32X Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 91Page - STMicroelectronics LSM6DSO32X Datasheet HTML 92Page - STMicroelectronics LSM6DSO32X Datasheet HTML 93Page - STMicroelectronics LSM6DSO32X Datasheet HTML 94Page - STMicroelectronics LSM6DSO32X Datasheet HTML 95Page - STMicroelectronics LSM6DSO32X Datasheet HTML 96Page - STMicroelectronics LSM6DSO32X Datasheet HTML 97Page - STMicroelectronics LSM6DSO32X Datasheet HTML 98Page - STMicroelectronics LSM6DSO32X Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 162 page
background image
11.11
FSM_INT2_A (0Fh)
INT2 pin control register (r/w)
Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination
of the selected signals.
Table 179. FSM_INT2_A register
INT2_FSM8
INT2_FSM7
INT2_FSM6
INT2_FSM5
INT2_FSM4
INT2_FSM3
INT2_FSM2
INT2_FSM1
Table 180. FSM_INT2_A register description
INT2_FSM8(1)
Routing of FSM8 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM7(1)
Routing of FSM7 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM6(1)
Routing of FSM6 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM5(1)
Routing of FSM5 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM4(1)
Routing of FSM4 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM3(1)
Routing of FSM3 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM2(1)
Routing of FSM2 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM1(1)
Routing of FSM1 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1.
LSM6DSO32X
FSM_INT2_A (0Fh)
DS13607 - Rev 1
page 95/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More