| Moteur de recherche de fiches techniques de composants électroniques |
|
L6982NDR Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6982NDR Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 48 page ![]() 4 Maximum ratings Stressing the device above the ratings listed in the table below may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Table 3. Absolute maximum ratings Symbol Parameter Min. Max. Unit VIN Maximum pin voltage - 0.3 42 V PGND to AGND Maximum pin voltage - 0.3 0.3 V BOOT Maximum pin voltage SW – 0.3 SW + 4 V VCC Maximum pin voltage - 0.3 Min. (VIN + 0.3 V; 4 V) V VOUT/FB Maximum pin voltage - 0.3 8 V EN Maximum pin voltage - 0.3 VIN + 0.3 V SW Maximum pin voltage - 0.85 VIN + 0.3 V - 3.8 for 0.5 ns IHS, ILS High-side / Low-side RMS switch current 1.5 A TJ Operating temperature range - 40 150 °C TSTG Storage temperature range - 65 150 °C TLEAD Lead temperature (soldering 10 sec.) 260 °C Note: All values are referred to AGND unless otherwise specified. Table 4. ESD performance Symbol Parameter Test conditions Value Unit ESD ESD Protection voltage HBM 2 kV CDM pins 500 V Table 5. Thermal data Symbol Parameter Value Unit RthJA Thermal resistance junction ambient (device soldered on the STMicroelectronics demonstration board) 55 °C/W L6982 Maximum ratings DS13683 - Rev 1 page 5/48 |