Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8201 Fiches technique(PDF) 13 Page - Vitesse Semiconductor Corporation

No de pièce VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Fiches technique(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8201 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 13 of 21 -
Method II - RGMII Implementation Using the Internal Clock Delay Feature
In this mode the internal clock delay feature is used i.e. MII Register bit 23.8 is set.
Board Layout
Benefits
•
Does not require an external 2.5v supply, thereby reducing system cost.
•
Does not require any additional delays on the TXC and RXC traces.
Drawbacks
•
Needs extra board space for the additional trace delays needed on the TD[3:0] and the TX_CTL traces.
MAC
VSC8201
RD0
RD1
RD2
RD3
RX_CTL
TD3
RXC
700ps of additional trace delay w.r.t TXC
VDDIO=3.0 - 3.6v
VDDIO=3.0 - 3.6v
TD2
TD1
TD0
TX_CTL
TXC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21