| Moteur de recherche de fiches techniques de composants électroniques |
|
JR-0B-R Fiches technique(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
JR-0B-R Fiches technique(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 3 page ![]() MODEL: JR JR SPECIFICATIONS ES-1663 Rev.10 Page 1/3 http://www.m-system.co.jp/ Plug-in Signal Conditioners M-UNIT RTD TRANSMITTER (field-programmable) Functions & Features • Accepting direct input from an RTD and providing standard process signal • Micro-processor based • Field-programmable temperature range • Linearization • Burnout protection • Isolation up to 2000 V AC • Loop testing via hand-held programmer PU-2x • High-density mounting Typical Applications • Ideal for quick spare part • Power plant (2000 V AC isolation) 50 (1.97) 127 (5) 80 (3.15) mm (inch) MODEL: JR–[1][2]–[3][4] ORDERING INFORMATION • Code number: JR-[1][2]-[3][4] Specify a code from below for each of [1] through [4]. (e.g. JR-4A-B/BL/Q) • Temperature range (e.g. 0 – 500°C) • Special output range (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) [1] INPUT RTD (2- or 3-wire) 1: JPt 100 (JIS'89) (Usable range: -200 to +500°C, -328 to +932°F; min.span: 50°C, 90°F) 3: Pt 100 (JIS'89) (Usable range: -200 to +650°C, -328 to +1202°F; min.span: 50°C, 90°F) 4: Pt 100 (JIS'97, IEC) (Usable range: -200 to +650°C, -328 to +1202°F; min.span: 50°C, 90°F) 5: Pt 50 Ω (JIS'81) (Usable range: -200 to +500°C, -328 to +932°F; min.span: 100°C, 180°F) 6: Ni 508.4 Ω (Usable range: -50 to +200°C, -58 to +392°F; min.span: 30°C, 54°F) 0: Specify Note: Consult M-System for 2-wire RTD [2] OUTPUT Current A: 4 – 20 mA DC (Load resistance 750 Ω max.) B: 2 – 10 mA DC (Load resistance 1500 Ω max.) C: 1 – 5 mA DC (Load resistance 3000 Ω max.) D: 0 – 20 mA DC (Load resistance 750 Ω max.) E: 0 – 16 mA DC (Load resistance 900 Ω max.) F: 0 – 10 mA DC (Load resistance 1500 Ω max.) G: 0 – 1 mA DC (Load resistance 15 kΩ max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [3] POWER INPUT AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power S: 12 V DC R: 24 V DC V: 48 V DC [4] OPTIONS (multiple selections) Burnout blank: Upscale burnout /BL: Downscale burnout Other Options blank: none /Q: Option other than the above (specify the specification) |
Numéro de pièce similaire - JR-0B-R |
|
Description similaire - JR-0B-R |