| Moteur de recherche de fiches techniques de composants électroniques |
|
KS2-Z5-R Fiches technique(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KS2-Z5-R Fiches technique(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 4 page ![]() MODEL: KS2 KS2 SPECIFICATIONS ES-3612 Rev.6 Page 1/4 http://www.m-system.co.jp/ Plug-in Signal Conditioners K-UNIT DC ALARM (CE) Functions & Features • Providing relay contact closures at preset DC input levels • Dual (Hi/Lo) trip • Multi-turn screwdriver setpoint adjustments • Monitor jacks provided for setpoint adjustments • Enclosed relays • Relays can be powered 110 V DC • High-density mounting Typical Applications • Annunciator • Various alarm applications 72 (2.83) 132 (5.20) 80 (3.15) mm (inch) 0–100% (0–10VDC) SET MONITOR SET HI LO COM LO HI MODEL: KS2–[1]5–[2][3] ORDERING INFORMATION • Code number: KS2-[1]5-[2][3] Specify a code from below for each of [1] through [3]. (e.g. KS2-65-H/Q) • Special input range (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01/S01) [1] INPUT Current A: 4 – 20 mA DC (Input resistance 250 Ω) A1: 4 – 20 mA DC (Input resistance 50 Ω) B: 2 – 10 mA DC (Input resistance 500 Ω) C: 1 – 5 mA DC (Input resistance 1000 Ω) D: 0 – 20 mA DC (Input resistance 50 Ω) E: 0 – 16 mA DC (Input resistance 62.5 Ω) F: 0 – 10 mA DC (Input resistance 100 Ω) G: 0 – 1 mA DC (Input resistance 1000 Ω) H: 10 – 50 mA DC (Input resistance 100 Ω) K: 0 – 100 μA DC (Input resistance 1000 Ω) GW: -1 – +1 mA DC (Input resistance 1000 Ω) FW: -10 – +10 mA DC (Input resistance 100 Ω) Z: Specify current (See INPUT SPECIFICATIONS) Voltage 15: 0 – 50 mV DC (Input resistance 10 kΩ min.) 16: 0 – 60 mV DC (Input resistance 10 kΩ min.) 2: 0 – 100 mV DC (Input resistance 100 kΩ min.) 3: 0 – 1 V DC (Input resistance 1 MΩ min.) 4: 0 – 10 V DC (Input resistance 1 MΩ min.) 5: 0 – 5 V DC (Input resistance 1 MΩ min.) 6: 1 – 5 V DC (Input resistance 1 MΩ min.) 4W: -10 – +10 V DC (Input resistance 1 MΩ min.) 5W: -5 – +5 V DC (Input resistance 1 MΩ min.) 0: Specify voltage (See INPUT SPECIFICATIONS) OUTPUT 5: Relay; SPDT or transfer contact [2] POWER INPUT AC Power G: 200 V AC H: 220 V AC J: 240 V AC DC Power S: 12 V DC R: 24 V DC [3] OPTIONS blank: none /Q: With options (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3.5 screw terminals Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Input to output to power Setpoint adjustments: Multi-turn screwdriver adjustments (front); 0 – 100% independently Monitor jacks: Output 0 – 10 V for 0 – 100 % setpoints Monitor jack diameter: 2 mm (.08") Hysteresis (deadband): 0.5 – 1.0 % |
Numéro de pièce similaire - KS2-Z5-R |
|
Description similaire - KS2-Z5-R |